Part Number Hot Search : 
18F67 07197 YD3161 BGA2031 SSFP9N80 AMS236A CMPS5063 UN411H
Product Description
Full Text Search
 

To Download R10-E1Z4-V700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  703 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. p&b catalog 1308242 issued 3-03 r10 series general purpose dry circuit to 7.5 amp multicontact ac or dc relay ?r10-e ?clear dust cover version ?r10-r ?sealed, immersion cleanable type ?r10s ?super sensitive, logic compatible coil data @ 25 c (also see coil data tables) voltage: 3 to 115vdc and 6 to 115vac. maximum coil power: 2.2 watts. coil temperature rise: 30 c per watt. maximum coil temperature: 105 c. operate data @ 25 c initial dielectric strength between open contacts: 500v rms, for contact codes p and z. 1,000v rms for contact codes w, x and y with coil code v. between all other conductors: 1,000v rms. r10 relays (dc only) typical ranges of operations r10 r10s r10-r features broad range of coil options provide sensitivity ranging from 25 to 750mw. various contacts switch from dry circuit to 7.5 amps. many mounting and termination options. file e29244 file lr15734 capacitance between contacts: 2 pf, typ. between contacts and coil: 2 pf, typ. between coil and frame: 30 pf, typ. initial insulation resistance between mutually insulated elements: 10 10 ohms @ 25 c, 50% rh. consult factory for optional acetal resin material rated 10 12 ohms. environmental data storage temperature range: -55 c to +105 c. operating temperature range: -55 c to +75 c. mechanical data terminal finish: tin plating standard. weight: 0.8 to 1.4 oz. (23 to 40g) approximately. r10 ultra-sensitive "ss" and "jj" typical ranges of operation multiple of max. pull-in voltage or current operate time (milliseconds) release time (milliseconds) (curves for reference only. if specific values are required, testing is required.) typical operate and release times (all contact configurations) release time (no suppression) 50 40 30 20 10 1.0 1.5 2.0 3.0 4.0 10 8 6 4 2 operate time operate time multiple of max. pull-in voltage or current operate time (milliseconds) release time (milliseconds) 30 (curves for reference only. if specific values are required, testing is required.) 25 20 15 10 release time (no suppression) 5 typical operate and release time (all contact configurations) 12 10 8 6 4 2 1.0 1.33 1.5 2.0 2.5 3.0 contact data @ 25 c arrangements: 1 form c (spdt) through 8 form c (8pdt) see ordering information tables for more details regarding availability. contact materials, styles & ratings @ +25 c contact contact contact coil codes contact ratings code material style available min. typ. max. w silver-cadmium oxide single button v, q, s, j 500ma - 7.5a x silver-cadmium oxide single button v, q, s, j 500ma - 5a y fine silver single button all 100ma 2a 3a z fine silver bifurcated all 1ma 100ma 2a p gold overlay on silver bifurcated crossbar all dry circuit 1ma 3a ratings are at 28vdc or 155vac unless otherwise specified. total load must not exceed 30a per relay. use ungrounded frame for ac loads of 5a or greater. max.ratings are 7.5a at 115vac and 4a at 28vdc for coil codes s and j. use ungrounded frame for ac loads of 5a or greater. max.ratings are 5a at 115vac and 3a at 28vdc for coil codes s and j. ul horsepower contact ratings (coil code v only) contact code no. of poles at 110-120vac at 220-240vac w 1, 2, 4 1/8 hp (3.8a) 1/6 hp (2.2a) x 1, 2, 4, 6 1/20 hp (1.5a) 1/10 hp (1.5a) expected mechanical life: 100 million operations, typical. (except contact code w: 1,000,000 operations, typical.) typical expected life for resistive loads @ 25 c type current voltage contact style coil code operations?? r10 7.5a 120vac, 60 hz. w v,s,j 7.5 ?10 4 r10 7.5a 28vdc w v 7.5 ?10 4 r10 5.0a 120vac, 60 hz. x v,s,j 5 ?10 4 r10 5.0a 28vdc x v 5 ?10 4 r10 4.0a 28vdc w s,j 2 ?10 4 r10 3.0a 28vdc x s,j 2 ?10 4 r10 3.0a 28vdc or 120vac p v,s,j 3 ?10 4 r10 2.0a 28vdc p,y,z v 1.5 ?10 6 r10 2.0a 28vdc p,y,z s,j 6 ?10 5 r10s 2.0a 28vdc p,y,z j 5 ?10 5 r10 1.0a 28vdc p,y,z v,s,j 12 ?10 6 r10 1.0a 28vdc p,y,z ss,jj 5 ?10 5 r10s 1.0a 28vdc p,y,z j 1 ?10 6 r10 500ma 28vdc p,y,z ss,jj 5 ?10 6 r10 100ma 28vdc or 120vac p,y,z v,s,j 1 ?10 8 r10 100ma 48vdc p,z ss,jj 5 ?10 6 r10 100ma 6vdc p ss,jj 5 ?10 7 r10s 100ma 28vdc or 120vac p,y,z j 1 ?10 6 r10 50ma 6vdc p,z v,s,j 5 ?10 7 r10s 30ma 6vdc p,z j 5 ?10 6 r10 1ma 6vdc p ss,jj 5 ?10 7 ?? relay operated at rated coil voltage or 133% of pick-up current or higher. users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
704 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. p&b catalog 1308242 issued 3-03 www.tycoelectronics.com technical support: refer to inside back cover. coil data tables @ 25 c one of the boldface resistance or voltage values from a table below is to be inserted in step 6 of the ordering chart on the next page. typical coil inductance coil inductance (henrys) coil resistance (ohms) 500 100 50 10 1.0 0.5 0.1 10 50 100 500 1k 5k 10k 100k armature (open) armature (closed) standard ac operated relays coil resistance @ 25 c 20% (ohms) volts ac @ 25 c pick-up maximum 2 & 4 form c 6 & 8 form c (max.) nominal continuous 25 15 5.0 6 7.2 120 90 9.0 12 14.5 500 350 18.0 24 30.0 2.0k 1.4k 36.0 48 60.0 9.0k 7.5k 86.0 115 130.0 note: dual coil diode rectified construction. ss ultra-sensitive voltage adjustment (1-4 pole only) 2.2 watts maximum continuous coil dissipation @ 25 c coil resistance vdc at 25 c at 25 c 10% (ohms) 1 form c 2 form c 3 & 4 form c, pick-up pick-up pick-up nominal pick-up power power power (max.) 20mw 40mw 80mw 3.0 2.25 220 110 52 5.0 3.75 700 350 175 6.0 4.5 1.0k 500 250 12.0 9.0 4.0k 2.0k 1.0k 18.0 13.5 9.0k 4.5k 2.2k 24.0 18.0 15.0k 7.5k 3.7k 36.0 27.0 30.0k 15.0k 7.5k 48.0 36.0 30.0k 15.0k q special dc voltage adjustment 1 & 2 form a, b, c or d 3 & 4 form a, b, c or d coil res. pick-up coil res. pick-up nominal @ 25 c (max.) pick-up @ 25 c (max.) pick-up voltage 10% @ 25 c@ 25 c 10% @ 25 c@ 25 c@ 25 c (ohms) (vdc) (mw) (ohms) (vdc) (mw) (vdc) 52 3.1 180 32 3.8 450 5 110 4.5 185 52 4.2 340 6 450 9.2 190 185 8.4 380 12 1.8k 17.4 170 1.0k 17.2 295 24 7.5k 36.2 175 3.2k 31.1 300 48 15.0k 49.5 165 7.5k 49.3 325 72 30.0k 67.5 160 15.0k 67.5 300 115 s sensitive dc voltage adjustment 2.2 watts maximum continuous coil dissipation @ 25 c coil resistance vdc at 25 c at 25 c 10% (ohms) 1 & 2 form 3 & 4 form a, 6 form a, 8 form a, a, b, c or d b, c or d b or c b or c nominal pick-up pick-up pick-up pick-up pick-up (max.) 100mw 175mw 250mw 400mw 3.0 2.25 50 30 20 12 5.0 3.75 140 80 56 35 6.0 4.5 200 110 80 52 12.0 9.0 800 450 320 200 24.0 18.0 3.2k 1.8k 1.2k 800 48.0 36.0 13.0k 7.5k 5.2k 3.2k 72.0 54.0 28.0k 16.0 13.0k 7.5k 115.0 86.0 50.0k 40.0k 30.0k 16.0k jj ultra-sensitive current adjustment (1-4 pole only) maximum pick-up current (ma) coil 1 form c 2 form c 3 & 4 form c maximum resistance pick-up pick-up pick-up continuous at 25 c power power power coil current 10% 20mw 40mw 80mw (ma) 1.0k 4.5 6.5 9.0 45.0 2.5k 2.9 4.1 5.8 28.0 5.0k 2.1 2.9 4.1 20.0 10.0k 1.5 2.0 3.0 14.0 15.0k 1.2 1.7 2.4 11.5 30.0k 0.85 1.2 1.7 8.3 j sensitive dc current adjustment must operate current (ma) all applicable types except r10s coil 2 form a, 4 form a, 6 form a, 8 form a, max. resistance b, c or d b, c or d b, c or d b or c coil 10% pick-up pick-up pick-up pick-up current (ohms) 85mw 175mw 250mw 400mw (ma) 1.0k 8.5 13.0 16.0 20.0 45.0 2.5k 5.8 8.4 10.0 13.0 28.0 5.0k 4.1 6.2 7.2 9.0 20.0 10.0k 3.1 4.5 5.0 6.4 14.0 15.0k 2.6 3.5 4.2 5.3 11.5 30.0k 1.7 2.5 2.9 3.7 8.3 r10s types only coil 1 2 4 resistance form c form c form c 10% pick-up pick-up pick-up (ohms) 10mw 20mw 40mw 500 4.5 (a) 6.3 (a) 9.0 1.0k 3.2 (a) 4.5 6.5 2.5k 2.0 2.9 (b) 4.1 (b) 5.0k 1.4 (b) 2.0 2.9 (c) 10.0k 1.0 1.4 (c) 2.0 16.0k 0.8 1.2 1.4 30.0k 0.6 (c) 0.8 1.2 (a) suggested for 5vdc operation. (b) suggested for 12vdc operation. (c) suggested for 24vdc operation. v standard dc voltage adjustment 2.2 watts maximum continuous coil dissipation @ 25 c coil resistance vdc at 25 c at 25 c 10% (ohms) 1, 2 & 4 form 6 form a, 8 form a, a, b, c or d b or c b or c nominal pick-up pick-up pick-up pick-up (max.) 500mw 850mw 1000mw 3.0 2.25 10 6 5 5.0 3.75 28 16 14 6.0 4.5 52 25 20 12.0 9.0 185 90 72 24.0 18.0 700 430 350 48.0 36.0 2.5k 1.5k 1.25k 72.0 54.0 5.8k 3.5k 2.8k 115.0 86.0 15.0k 9.0k 8.0k
705 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. p&b catalog 1308242 issued 3-03 our authorized distributors are more likely to stock the following items for immediate delivery. r10-e1p2-115v r10-e1p2-v700 r10-e1p4-115v r10-e1p4-v700 r10-e1w2-v185 r10-e1w2-v700 r10-e1w4-v185 r10-e1w4-v700 r10-e1x2-115v r10-e1x2-24v r10-e1x2-s800 r10-e1x2-v185 r10-e1x2-v700 r10-e1x4-115v r10-e1x4-v185 r10-e1x4-v2.5k r10-e1x4-v700 r10-e1x6-v430 r10-e1y2-j1.0k r10-e1y2-j2.5k r10-e1y2-v15.0k r10-e1y2-v185 r10-e1y2-v2.5k r10-e1y2-v700 r10-e1y4-j10.0k r10-e1y4-v2.5k r10-e1y4-v52 ordering information typical part number b r10 -e 1 y 4 -v700 1. basic series: r10 = relay with form c contacts. r10s = super sensitive r10 (case and terminals e1 & e2 only, j coil adj. only). 2. case style: e = non-sealed polycarbonate cover. r = immersion cleanable, tape sealed plastic case (r10 only [form c], terminal code 2 & 9 only [std. pcb]). no ground or stud included. not available on r10s. 3. terminals & mounting: 1 = solder/plug-in terminals with #3-48 mounting stud. 2 = printed circuit terminals (std.) .064?(1.62mm) clearance, 1.25?(31.75mm) seated ht. 6 = side mounting plate with #6-32 stud, solder/plug-in terminals (#3-48 stud not included). 7 = narrow (.04?[1.02mm] wide) printed circuit terminals .013?(.33mm) clearance, 1.2?(30.48mm) seated ht. 9 = non-shouldered, narrow (.04?[1.02mm] wide) printed circuit terminals in a staggered arrangement (1 to 6 poles only). 4. contact style & rating: wx y z p single contact single contact single contact bifurcated, low bifurcated crossbar, v, q, s & j coil adjustment only level contacts dry circuit contacts typ. 2a typ. 100ma typ. 1ma max. 7.5a? max. 5a max. 3a max. 2a max. 3a min. 500ma min. 500ma min. 100ma min. 1ma min. dry circuit r10xxxxx r10s x x x ratings are at 28vdc or 115vac. total load must not exceed 30a per relay. ? use ungrounded frame for ac loads of 5a or greater. max. ratings are 7.5a at 115vac and 4a at 28vdc for coil codes s & j. ?use ungrounded frame for ac loads of 5a or greater. max. ratings are 5a at 115vac and 3a at 28vdc for coil codes s & j. 5. number of poles: 1 = 1 pole. 4 = 4 pole 2 = 2 pole. 6 = 6 pole (not available with w contacts). 3 = 3 pole. 8 = 8 pole (available on case style e only; not available with w contacts). 6. coil (refer to coil data tables): ac voltage (available on r10 only) dc voltage specify nominal coil voltage followed by v (example: 24v). specify coil adjustment code letter followed by coil resistance (e xample: v700). r10-e1y4-v700 r10-e1y6-v1.5k r10-e1z2-v185 r10-e1z2-v700 r10-e1z4-v185 r10-e1z4-v2.5k R10-E1Z4-V700 r10-e1z6-v1.5k r10-e1z6-v430 r10-e2p4-v185 r10-e2p4-v700 r10-e2w2-v185 r10-e2x2-v185 r10-e2x2-v700 r10-e2x4-v185 r10-e2x4-v700 r10-e2y2-v185 r10-e2y2-v700 r10-e2y4-v185 r10-e2y4-v700 r10s-e1y2-j5.0k r10s-e2y1-j1.0k
706 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. p&b catalog 1308242 issued 3-03 www.tycoelectronics.com technical support: refer to inside back cover. outline dimensions suggested panel cutout for relay or socket wiring diagrams (bottom views) mounting hole layout for terminal & mounting style 6 solder terminal dimensions pc terminal dimensions a b c d arrang. type 2 .131 .050 .064 1.251 inline type 7 .131 .040 .013 1.20 inline type 9 .170 .040 .000 1.187 staggered thickness .012 012 .012 .013 d (to top of case) b a c r10 wiring diagrams suggested pc board layouts (component side of boards) terminal types e2 & r2 terminal types e9 & r9 .437 (11.10) .187 .0 02 dia. (4.75 .05) .147 .0 02 dia. (3.73 .05)   dual coil r10-ac wiring diagram .012 (.30) .040 (1.02) .090 (2.29) .080 (2.03) .735 max. (18.67) 1.187 max. (30.15) r10s: 1.50 max. (38.1) .406 (10.31) .13 5 (3.43) .210 (5.33) 3-48 thread nib .091 dia. x .020 high (2.31) (.51) } type e1 only .354 (8.99) #6-32 thread .375 (9.53) .171 (4.43) .15 6 (3.96) case r only recommend tape tab be removed after immersion cleaning and before relay is put in service. peel off to permit proper relay ventilation. 2 pole .950 max. (24.13, 2 pole 1r10) 4 pole 1.165 max. (29.59, 4 pole 1r10) 6 pole 1.375 max. (34.93) 8 pole 1.580 max. (40.13) .437 (11.10) .59 ref. (15.0) stud on narrow side only case e only type e6 only .085 max. (2.16) type e6 only .210 (5.33) .320 (8.13) .110 (2.79) .450 (11.43) .550 (13.97) .420 (10.67) .530 (13.46) .400 (10.16) .630 (16.00) .740 (18.80) holes + .004 - .000 + .10 - .00 dia. .056 1. 4 2 ( ) .500 (12.70) .10 0 (2.54) grid .500 (12.70) .450 (11.43) 6 pole 2 pole 4 pole .15 0 (3.81) .10 0 (2.54) + .004 - .000 + .10 - .00 ( ) .056 1.42 holes dia. .281 .015 (7.14 .38) .14 0 (3.56) x .354 (8.99) .281 (7.14) + .005 ?.000 + .13 ?.00 .10 9 2.77 2 holes dia. ( ) .656 .015 (16.66 .38) 2 pole ?.343 .020 (8.71 .51) 4 pole ?.562 .020 (14.27 .51) 6 pole ?.781 .020 (19.84 .51) 8 pole ?1.000 .020 (25.40 .51) x = tolerance: .010 ( .25) 26 27 14 1 pole 8 9 5 10 6 7 4 3 2 1 2 pole 8 9 5 10 6 7 4 3 2 1 3 pole 4 3 2 1 4 pole 4 3 2 1 14 15 8 16 9 10 11 12 5 13 6 7 14 15 8 16 9 10 11 12 5 13 6 7 6 pole 4 3 2 1 19 9 10 20 21 11 14 15 5 17 18 8 8 pole 4 3 2 1 22 12 13 16 6 7 22 9 10 23 24 11 17 18 5 20 21 8 25 12 13 19 6 7 28 15 16
707 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. p&b catalog 1308242 issued 3-03 .350 (8.89) .032 (.81) clearance hole for relay mntg. stud & grounding spring .235 (5.97) .330 (8.38) .120 dia. hole (3.05) .16 5 (4.19) .312 (7.92) .519 (13.18) .725 (18.42) .931 (23.65) 2 pole 4 pole 6 pole 8 pole .065 (1.65) .210 (5.33) .090 (2.29) .625 (15.88) .045 x .090 (1.14 x 2.28) a b tolerances unless otherwise shown .010 .25 ( ) 2 pole .978 (24.84) 4 pole 1.184 (30.07) 6 pole 1.390 (35.31) 8 pole 1.546 (40.54) .750 (19.05) .175 (4.45) suggested panel cutout suggested board layout (component side) 37d645 ?mounting strip strip of .060?(1.52mm) aluminum contains ten pre-punched, breakaway mounting plates. each plate accomodates a 2, 4, 6 or 8 pole solder terminal r10 relay or socket to facilitate chassis- or rack mounting. socket specifications contact material: spring brass, tin-plated. body material: 2 and 4 pole: polyester. 6 and 8 pole: phenolic. voltage drop: 30mv max. @ 10a. dielectric strength: 1,000v rms. insulation resistance : 10 9 megohms. max. current: 10a. solder or pc terminal sockets rugged, molded socket body retains floating terminals of either solder or printed circuit pin configuration. pc terminal sockets are offered with pins in either 0.1?(2.54mm) grid or in-line arrangement. grounding provisions pre-installed on sockets not for use at 5a ac and above. grounding strip: mounting stud of relay contacts grounding strip. grounding strip is grounded with screw or rivet through round hole in socket. grounding terminal (pc sockets only): mounting stud of relay contacts ground terminal through square hole in socket. caution: printed circuit sockets are manufactured with ?loating?(loose) terminals. this permits them to align with holes in the circuit board and with the relay terminals. during the mounting and soldering of the socket, vertical float should be eliminated and the terminals seated on the board. (this may be accomplished by inserting a dummy relay in the socket.) failure to eliminate float may cause fracture of the solder joint or separation of the copper conductor from the printed circuit board when a relay is inserted in the socket after soldering. solder & pc terminal socket outline dimensions a = .109 dia. (2.77) .180 (4.57) .090 (2.29) .16 (4.1) .32 (8.1) ? ? ++ ++ 1.13 5 (28.83) 2.50 (63.5) 2.000 (50.80) .535 (13.59) .25 (6.4) 1.205 (30.61) .13 (3.3) 1.205 (30.61) .090 r. (2.29) hold down spring hold down strap (pc sockets only) r10 socket & accessory information strip terminal all tolerances .010 ( .25) unless otherwise noted. 2 pole .343 (8.71) 4 pole .562 (14.27) 6 pole .781 (19.84) 8 pole 1.000 (25.40) .281 .015 (7.14 .38) .354 (8.99) .140 (3.56) .656 .015 (16.66 .38) .281 (7.14) ++ 2 holes .109 dia. (2.77) suggested board layout (component side) .500 (12.70) .10 0 (2.54) grid .500 (12.70) .450 (11.43) 8 pole 6 pole 2 pole 4 pole .150 (3.81 ) .10 0 (2.54) + .004 - .000 + .10 - .00 ( ) .056 1.42 holes hole for ground terminal (if req?.) dia. .210 (5.33) .320 (8.13) .110 (2.79) .450 (11.43) .550 (13.97) .420 (10.16) .530 (13.46) .400 (10.16) .450 (11.43) .150 (3.81) .050 dia. (1.27) 1 hole + .004 - .000 + .10 - .00 .056 1.42 ( ) dia. holes pc socket dim. a dim. b term. length .180 .180 .115 (4.57) (2.92) .210 .210 .156 (5.33) (3.96) ordering data ?stock items are boldfaced. socket no. of type of grounding part no. poles terminal provision 27e125 2 strip 27e126 4 strip 27e127 6 solder strip 27e162 2 none 27e163 4 none 27e164 6 none 27e128 2 strip 27e129 4 strip 27e130 6 strip 27e254 8 strip 27e212 2 pc stag. none 27e213 4 .180?long none 27e271 6 (4.57mm) none 27e258 8 none 27e193 2 terminal 27e194 4 terminal 27e636 2 pc stag. strip 27e637 4 .210?long strip (5.33mm) 27e631 2 strip 27e632 4 strip 27e340 6 pc in-line strip 27e342 2 .180?long none 27e629 4 (4.57mm) none 27e630 6 none 27e338 4 terminal 27e633 2 pc in-line strip 27e634 4 .210?long strip 27e635 6 (5.33mm) strip hold downs for use with r10 sockets part no. no. of poles description 20c249 2 wire hold down spring 20c250 4 wire hold down spring 20c251 6 wire hold down spring 20c266 8 wire hold down spring 20c259 all wire hold down strap (pc only) 20c300 2 (r10s) hold down spring 20c301 4 (r10s) hold down spring see following page for additional sockets & accessories.
708 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. p&b catalog 1308242 issued 3-03 www.tycoelectronics.com technical support: refer to inside back cover. r10 socket & accessory information (continued) .175 ref. (4.45) .780 max. (19.81) 2 mtg. holes .147 dia. (3.73) .187 .010 (4.75 .25) 2 holes .147 dia. (3.73) .065 (1.65) .045 x .090 (1.14 x 2.28) slot in terminals .210 (5.33) .320 ref. (8.13) ab .687 (17.45) .25 (6.35) c sugg chassis cutout 2 pole terminal wiring code + 6 2 1 + 10 3 4 7 5 9 8 b a c 1.375 .010 (34.93 .254) .530 max. (13.46) .062 .0 07 (1.57 .178) 2.75 .015 (69.85 .381) #6-32 screws .10 0 (2.54) (2) mtng. holes .187 dia. (4.75) +++ +++ +++ +++ 6 pole terminal wiring code +++ +++ +++ +++ +++ +++ + + 9 13 11 10 8 7 5 6 15 1 2 12 21 22 20 19 17 16 14 18 4 3 4 pole terminal wiring code +++ +++ +++ +++ +++ + + 16 14 13 4 3 15 11 12 9 10 5 6 1 2 7 8 .187 min. (4.75) 27exxx pc board suggested standoff (customer supplied) or insulator (40g432) .375 (9.53) dia. min; .625 (15.88) dia. max. chassis 40g432 insulator 1.12l x .41w x .26h (28.4 x 10.4 x 6.60) 1.375 (34.93) .187 min. (4.75) 27exxx pc board 24a110 track 24a071 mounting clip suggested track mounting suggested chassis mounting ordering data ?stock items are boldfaced. socket no. of type of grounding part no. poles terminal provision 27e317 2 solder/ strip 27e152 4 bracket strip socket no. of dim. a dim. b dim. c part no. poles nom. max. min. 27e446 2 1.437 1.822 .937 (36.50) (46.27) (23.80) 27e447 4 1.687 2.072 1.125 (42.85) (52.63) (28.58) 27e448 6 1.875 2.260 1.343 (47.63) (57.40) (34.11) part no. no. of dim. a dim. b dim. c poles nom. max. nom. 27e460 2 1.800 2.230 .200 (45.72) (56.64) (5.08) 27e461 4 2.125 2.830 .337 (53.98) (71.88) (8.56) 27e462 6 2.812 3.830 .494 (71.42) (97.28) (12.55) see preceding page for hold down springs. bracket mount socket allows solder terminal relay to mount flat on a chassis. flange mount socket solder terminal socket with tin-plated terminals and grounding strip pre- assembled on .065?(1.65mm) steel mounting plate. requires only one chassis cutout. track mount socket provides front wiring, screw terminal connections for r10 family relays. no grounding provision. x .075 (1.91) .437 (11.10) .15 0 (3.81) .058 (1.47) material thickness .484 (12.29) .15 6 (3.96) .210 typ. (5.33) .045 x .090 typ. (1.14 x 2.28) .437 (11.10) tapped #6-32 thread .85 max. (21.6) + x= 2 pole .978 (24.84) 4 pole 1.184 (30.07)


▲Up To Search▲   

 
Price & Availability of R10-E1Z4-V700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X